PART |
Description |
Maker |
PME285MA4330MR30 PME285MB5680MR30 PME285MB5100MR30 |
EMI suppressor, class X2, metallized paper
|
List of Unclassifed Manufacturers ETC
|
F861AK823M310C F861AL823M310C F861BC104M310C F861A |
Metallized Polypropylene Film, Class X2, 310 VAC Metallized Polypropylene Film, Class X2, 310 VAC
|
Kemet Corporation
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
MMKP383 |
AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type Double Metallized, boxed, 7,5-27,5mm pitch
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
1MDL06-024-03AN05 1MDL06-024-05AN05 |
Blank ceramics (not metallized) Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
|
RMT Ltd.
|
2MX06-067-0816 2MX06-067-0510 2MX06067 |
Blank ceramics (not metallized) Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
|
RMT Ltd.
|
80960MC |
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
|
INTEL[Intel Corporation]
|
0909.0051 |
Power Distribution Unit; Snap-in mounting from front; solder terminals; protection class I; 7 IEC Outlets; Voltage Rating: 250 VAC; Current Rating: 10A; 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|
ECWH10433HVB ECWH10752HVB ECWH12912V ECW-H10223JV |
Metallized Polypropylene Film Capacitor Metallized Polypropylene Film Capaitor Designed for high frequency and pluse applications. Plastic Film Capacitors Metallized Polypropylene Film Capacitor
|
Panasonic Semiconductor
|
1MD06-097-15 1MD06-097-05 1MD06-097-12 1MD06-097-0 |
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
|
RMT Ltd.
|
1MD04-010-12-1 1MD04-010-15-1 1MD04-010-10-1 1MD04 |
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
|
RMT Ltd.
|